Part Number Hot Search : 
UFM14PL FLZ18VB GR3AB B1125 RT8206B IL712 08010 TS104RS
Product Description
Full Text Search
 

To Download KBJ8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBJ8005 thru KBJ810
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT KBJ
? .134(3.4) ? .122(3.1) 1.193(30.3) 1.169(29.7) .213(5.4) .197(5.0) .173(4.4) .157(4.0)
? .134(3.4) ? .122(3.1)
- 50 to 1000Volts - 8.0 Amperes
FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
The plastic material has U/L flammability
.198 (5.1) .800(20.3) .776(19.7) .165(4.2) .142(3.6) .708(18.0) .669(17.0)
technique results in inexpensive product
classification 94V-0
.106(2.7) .096(2.3) .094(2.4) .075(1.9) .043(1.1) .035(0.9)
+
~~_
.441(11.2) .425(10.8)
.114(2.9) .098(2.5)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
.031(0.8) .023(0.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL KBJ8005 KBJ801 VRRM VRMS VDC I(AV) 50 30 50 100 70 100
KBJ802 200 140 200
KBJ804 400 280 400 8.0 2.9 200 1.0 10 500 120 55 1.8 -55 to +125 -55 to +150
KBJ806 600 420 600
KBJ808 800 560 800
KBJ810 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V uA A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 259 ~
RATING AND CHARACTERTIC CURVES KBJ8005 thru KBJ810
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 8.0 7.0 6.0 5.0 4.0
WITH HEATSINK WITH HEATSINK
FLG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 250 PEAK FORWARD SURGE CURRENT, AMPERES 200
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150
100
3.0 2.0 1.0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, C
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
50
0 0 2 5 10 20 50 100 NUMBER OF CYCLETS AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
1.0
10
TJ = 25
0.1
PULSE WIDTH 300us
TJ=25,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125
TJ=100
10
TJ=50
1.0
TJ=25
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 260 ~


▲Up To Search▲   

 
Price & Availability of KBJ8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X